Part Number Hot Search : 
12AN3 RUEF800 5NK40 AS5040 11015 12232 ENA1198 IL2412S
Product Description
Full Text Search
 

To Download W10L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER W005L THRU W10L
FEATURES l Low cost l This series is UL recognized under component index,file number E127707 l High forward surge current capability l Ideal for printed circuit board l High temperature soldering guaranteed: 260 oC/10 second, 0.375"(9.5mm) lead length at 5 lbs. (2.3kg) tension. MECHANICAL DATA l Case: Molded plastic body l Terminal: Lead solderable per MIL-STD-202E method 208C. l Polarity: Polarity symbols molded on case l Mounting position: Any l Weight:0.05ounce,1.42grams
VOLTAGE RANGE CURRENT 50 to 1000 Volts 1.5 Amperes
.366(9.3) .350(8.9) .290(7.4) .270(6.9)
1.1 (27.9) MIN
1.0 (25.4) MIN
POS LEAD ~ +
.032(0.8)DIA .028(0.7)TYP
~ .220(5.6) .180(4.6)
.220(5.6) .180(4.6)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%.
SYMBOLS W005L Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current, at TA=25 VRRM VRMS VDC I(AV) IFSM VF IR CJ RJA TJ TSTG 50 35 50
W01L 100 70 100
W02L 200 140 200
W04L 400 280 400 1.5 50 1.0 10 0.5 15 40 -55 to +150 -55 to +150
W06L 600 420 600
W08L 800 560 800
W10L 1000 700 1000
UNITS Volts Volts Volts Amps Amps Volts Amps mAmps PF /W
Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current at rated DC blocking voltage Typical Junction Capacitance(Note1) Typical Thermal Resistance(Note2) Operating Temperature Range Storage Temperature Range TA=25 TA=100
NOTES: 1. Measured at 1.0MHz and applied reverse voltage of 4.0 volts. 2. Unit mounted on P.C. board with 0.22"x0.22"(5.5x5.5mm)copper pads,0.375"(9.5mm)lead length.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 1/2
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER W005L THRU W10L
VOLTAGE RANGE CURRENT 50 to 1000 Volts 1.5 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 2/2


▲Up To Search▲   

 
Price & Availability of W10L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X